Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download THV10-A100M-025-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type THV Precision High Voltage Divider Networks
Ratio TC to 10 ppm/C, Ratio Tolerance to 0.25%, Voltage Ratings of 10 KV, 15 KV or 20 KVDC
The Type THV Precision High Voltage Divider Networks introduce Caddock's advanced high voltage resistor technology which doubles the allowable working voltage over the length of the high voltage section. This technology combines Caddock's Tetrinox(R) resistance films with a patented lasergenerated V-Notch Geometry which optimizes the voltage gradient over the length of the resistance pattern. Type THV networks provide tighter ratio temperature coefficients and tighter ratio tolerances than have previously been available in standard high voltage divider products. * Ratio Temperature Coefficients of 10 ppm/C or 25 ppm/C from -55C to +125C. * Ratio Tolerances of 0.25%, 0.5%, 1.0% or 2.0% at Rated Voltage. * Voltage Ratings of 10 KVDC, 15 KVDC or 20 KVDC at +125C. * Standard Voltage Division Ratios of 1,000:1 or 100:1, with custom ratios available. These specifications can provide important improvements in performance in many types of advanced electronic systems, including TWT power supplies, radar systems, X-ray systems, analytical equipment and high resolution CRT displays. Standard Type THV Precision High Voltage Divider Networks
Model No. Voltage Rating Ratio Code Letter Voltage Division Resistance R1 R2 Total Dimensions inches (mm) A B
For complete information on price and delivery of both evaluation and production quantities, contact our Sales Office.
Specifications:
Ratio Tolerance: See ordering information. Absolute Tolerance: 1.0% for all resistors. Ratio Temperature Coefficient: information. See ordering
1.100 .015 (27.94 .38) 1.650 .015 (41.91 .38)
A THV 10 10 KVDC
B
1,000 : 1
100:1
99.9 Meg
99 Meg
100 K 100 Meg
1 Meg 100 Meg
1.500 .030 (38.10 .76) 2.050 .030 (52.07 .76)
A THV 15 15 KVDC B
A THV 20 20 KVDC
1,000:1 100:1
1,000:1
149.85 Meg
150 K 150 Meg
148.5 Meg 1.5 Meg 150 Meg
199.8 Meg 200 K 200 Meg
B
100:1
198 Meg
2 Meg 200 Meg
2.600 .030 (66.04 .76)
2.200 .015 (55.88 .38)
Absolute Temperature Coefficient: 30 ppm/C. Referenced to +25C, R taken at -55C and +125C. Voltage Rating: and R2 in series. Rated voltage applied to R1
Ordering Information: THV10 - A 100M - 1.0 - 10
Model Number:
Ratio Temperature Coefficient from -55C to +125C: -25 = 25 ppm/C -10 = 10 ppm/C Standard Ratio Tolerance at Rated Voltage: -2.0 = 2.0% -0.5 = 0.5% -1.0 = 1.0% -0.25 = 0.25%
Load Life: Ratio change with rated voltage applied for 1,000 hours at +125C, 0.4% max. Overvoltage: 1.5 times rated voltage for 5 seconds, ratio change 0.5% max. Thermal Shock: Mil-Std-202, Method 107, Cond. C, ratio change 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, ratio change 0.5% max.
Ratio Code Letter: Total Resistance Value of the Divider:
A
.120 .030 (3.05 .76) .710 .040 (18.03 1.02) R1 R2
CADDOCK ELECTRONICS THV 10 - A 100M - 1.0 - 10 0102
Solderable Leads Encapsulation: High Temperature Silicone Conformal with Dielectric Withstanding Voltage of 750 volts. Insulation Resistance: 10,000 Megohms, min. Derating Curve:
100 80 60 RATED VOLTAGE, % 40 20 0
PIN 1
1.000 .125 (25.40 3.18)
PIN 1 .025 .002 (.64 .05) DIA.
.100 (2.54)
B
.200 .015 (5.08 .38)
DIMENSIONS IN INCHES AND (MILLIMETERS)
Custom Type THV Precision High Voltage Divider Networks
Custom Type THV Precision High Voltage Divider Networks can be produced with a broad range of resistance values, voltage ratios, voltage ratings, ratio tolerances and ratio temperature coefficients. Contact our Applications Engineering about your custom high voltage divider requirement.
25 75 125 175 225 AMBIENT TEMPERATURE, C
Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408
(c) 2002 Caddock Electronics, Inc.
e-mail: caddock@caddock.com * web: www.caddock.com
Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (909) 788-1700 Fax: (909) 369-1151
27.1 IL112.0802


▲Up To Search▲   

 
Price & Availability of THV10-A100M-025-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X